Part Number Hot Search : 
0512S X7R1812 00200 CES2307 FSL9230R S1D13305 SFF2004 SNC538
Product Description
Full Text Search
 

To Download HUN2112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
HUN2111 / HUN2112 / HUN2113 / HUN2114 / HUN2115 HUN2116 / HUN2130 / HUN2131 / HUN2132 / HUN2133 HUN2134 / HUN2136 / HUN2137 / HUN2140
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 1/5
Description
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface mount applications.
SOT-23
Symbol:
Pin 1 Base (Input) R1 Pin 3 Collector (Output) Pin 2 Emitter (Ground)
* Simplifies Circuit Design R2 * Reduces Board Space * Reduces Component Count * Moisture Sensitivity Level: 1 * ESD Rating: Human Body Model: Class1, Machine Model: Class B * The SOT-23 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. * Available in 8mm embossed tape and reel. Use the device number to order the 7 inch / 3,000 unit reel.
Maximum Ratings (TA=25oC unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Curretn Symbol VCBO VCEO IC Value -50 -50 -100 Unit Vdc Vdc mAdc
Thermal Characteristics
Rating Total Power Dissipation @ TA=25C Derate above 25C Thermal Resistance-Junction-to-Ambient Thermal Resistance-Junction-to-Lead Operating and Storage Temperature Range
Note1: FR-4 @ Minimum Pad, Note2: FR-4 @ 1.0X1.0 inch Pad
Symbol PD RJA RJL TJ, Tstg
Value Note1 246 1.5 508 174 -65 to +150 Note2 400 2.0 311 208
Unit mW mW/C C/W C/W C
Device Marking and Resistor Values
Device HUN2111 HUN2112 HUN2113 HUN2114 HUN2115 HUN2116 HUN2130 HUN2131 HUN2132 HUN2133 HUN2134 HUN2136 HUN2137 HUN2140
HUN21XX Series
Package SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23
Marking A6A A6B A6C A6D A6E A6F A6G A6H A6J A6K A6L A6N A6P A6T
R1(K) 10 22 47 10 10 4.7 1 2.2 4.7 4.7 22 100 47 47
R2(K) 10 22 47 47 1 2.2 4.7 47 47 100 22
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics (TA=25C unless otherwise noted)
Characteristic Off Characteristics Collector-Base Cutoff Current (VCB=-50V, IE=0) Collector-Emitter Cutoff Current (VCE=-50V, IB=0) HUN2111 HUN2112 HUN2113 HUN2114 HUN2115 HUN2116 HUN2130 Emitter-Base Cutoff Current (VEB=-6V, IC=0) HUN2131 HUN2132 HUN2133 HUN2134 HUN2136 HUN2137 HUN2140 Collector-Base Breakdown Voltage (IC=-10uA, IE=0) Collector-Emitter Breakdown Voltage (IC=-2mA, IB=0) *On Characteristics HUN2111 HUN2112 HUN2113 HUN2114 HUN2115 HUN2116 HUN2130 HUN2131 HUN2132 HUN2133 HUN2134 HUN2136 HUN2137 HUN2140 35 60 80 80 160 160 3 8 15 80 80 80 80 120 ICBO ICEO -50 -50 Symbol Min.
Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 2/5
Typ.
Max. -100 -500 -0.5 -0.2 -0.1 -0.2 -0.9 -1.9 -4.3 -2.3 -1.5 -0.18 -0.13 -0.05 -0.13 -0.20 -
Unit nAdc nAdc
IEBO
mAdc
V(BR)CBO *V(BR)CEO
Vdc Vdc
DC Current Gain (VCE=-10V, IC=-5mA)
hFE
60 100 140 140 250 250 5 15 27 140 130 150 140 250
Collector-Emitter Saturation Voltage (IC=-10mA, IB=-0.3mA) HUN2111/HUN2112/HUN2113/HUN2114 HUN2115/HUN2130/HUN2136/HUN2137 (IC=-10mA, IB=-5mA) HUN2131 (IC=-10mA, IB=-1mA) HUN2116/HUN2132/HUN2134/HUN2140 HUN2111 HUN2112 HUN2114 HUN2115 Output Voltage (on) HUN2116 HUN2130 (VCC=-5V, VB=-2.5V, RL=1k) HUN2131 HUN2132 HUN2133 HUN2134 HUN2113 (VCC=-5V, VB=-3.5V, RL=1k) HUN2140 HUN2136 (VCC=-5V, VB=-5.5V, RL=1k) HUN2137 (VCC=-5V, VB=-4.0V, RL=1k)
VCE(sat)
-
-
-0.25
Vdc
VOL
-
-
-0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2
Vdc
*Pulse Test: Pulse Width 300us, Duty Cycle2%
HUN21XX Series
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics (TA=25C unless otherwise noted)
Characteristic *On Characteristics Output Voltage (off) (VCC=-5V, VB=-0.5V, RL=1k) HUN2115 HUN2116 HUN2131 (VCC=-5V, VB=-0.25V, RL=1k) HUN2132 HUN2140 HUN2130 (VCC=-5V, VB=-0.05V, RL=1k) HUN2111 HUN2112 HUN2113 HUN2114 HUN2115 HUN2116 HUN2130 Input Resistor HUN2131 HUN2132 HUN2133 HUN2134 HUN2136 HUN2137 HUN2140 Resistor Ratio HUN2111/HUN2112/HUN2113/HUN2136 HUN2114 HUN2115/HUN2116/HUN2140 HUN2130/HUN2131/HUN2132 HUN2133 HUN2134 HUN2137 Symbol Min.
Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 3/5
Typ.
Max.
Unit
VOH
-4.9
-
-
Vdc
R1
R1/R2
7 15.4 32.9 7 7 3.3 0.7 1.5 3.3 3.3 15.4 70 32.9 32.9 0.8 0.17 0.8 0.055 0.38 1.7
10 22 47 10 10 4.7 1 2.2 4.7 4.7 22 100 47 47 1 0.21 1 0.1 0.47 2.1
13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 130 61.1 61.1 1.2 0.25 1.2 0.185 0.56 2.6
k
*Pulse Test: Pulse Width 300us, Duty Cycle2%
HUN21XX Series
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-23 Dimension
Marking:
A L
Series Code
(See Page 1)
Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 4/5
A6
3
Pb Free Mark
BS
1 2
Pb-Free: " " (Note) Normal: None
V
G
Note: Pb-free product can distinguish by the green label or the extra description on the right side of the label. Pin Style: 1.Base 2.Emitter 3.Collector Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D G H J K L S V
Min. 2.80 1.20 0.89 0.30 1.70 0.013 0.085 0.32 0.85 2.10 0.25
Max. 3.04 1.60 1.30 0.50 2.30 0.10 0.177 0.67 1.15 2.75 0.65
*: Typical, Unit: mm
C D H
3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N
K
J
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HUN21XX Series
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 5/5
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C
o o
Dipping time 5sec 1sec 5sec 1sec
260 C +0/-5 C
o
o
HUN21XX Series
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HUN2112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X